Part Number Hot Search : 
50094 5318S21 SSM3K14 SMAJ4759 2SK3703 WP934 C3220VSC 4BTET01
Product Description
Full Text Search
 

To Download JT-123-SLCF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JT-123-SLCF
1:1 CONFIGURATION
LINE OUTPUT TRANSFORMER
QUADFILAR WINDINGS
M M M M M Distortion 0.018% typ at 20 Hz and +4 dBu output level Wide bandwidth: !3 dB at 0.1 Hz and 180 kHz Drives 600 S loads to levels up to +24 dBu at 20 Hz Excellent time domain performance: DLP 0.6E typ 20 Hz to 20 kHz E Insertion loss only 1.1 dB when driving 600 S load
This transformer is designed for high performance line output stages. Its 50% nickel core alloy gives it excellent level handling and low distortion for its size. Its separate windings allow connection for step-up or step-down applications. Driving signals should be free of DC and source impedance as low as possible.
TYPICAL APPLICATION
JT-123-SLCF SPECIFICATIONS (1:1 series/series configuration, all levels are output unless noted)
PARAMETER CONDITIONS MINIMUM TYPICAL MAXIMUM
Input impedance, Zi Voltage gain Magnitude response, ref 1 kHz Deviation from linear phase (DLP) Bandwidth Distortion (THD) Maximum output level Common-mode rejection ratio (CMRR) Output impedance, Zo DC resistance Capacitance Turns ratio Temperature range Breakdown voltages 60 Hz, 1 minute test duration (see IMPORTANT NOTE below)
20 Hz to 20 kHz, 0 dBu, test circuit 3 1 kHz, 0 dBu, test circuit 1, Rs=0 S 20 Hz, 0 dBu, test circuit 1, Rs=0 S 20 kHz, 0 dBu, test circuit 1, Rs=0 S 20 Hz to 20 kHz, 0 dBu, test circuit 1, Rs=0 S LF !3 dB re 1 kHz, test circuit 1, Rs=0 S HF !3 dB re 1 kHz, test circuit 1, Rs=0 S 1 kHz, +4 dBu, test circuit 1, Rs=0 S 20 Hz, +4 dBu, test circuit 1, Rs=0 S 20 Hz, 1% THD, test circuit 1, Rs=0 S 60 Hz, test circuit 2 3 kHz, test circuit 2 20 Hz to 20 kHz, 0 dBu, test circuit 4 each winding both primaries to both secondaries, 1 kHz all windings to frame, 1 kHz
670 S !1.3 dB !0.10 dB 0.0 dB
680 S !1.1 dB !0.04 dB +0.04 dB +0.6/!0E 0.10 Hz 180 kHz <0.001% 0.018%
695 S !0.9 dB 0.0 dB +0.15 dB 1.0E
0.1%
+22 dBu 40 dB
+24 dBu 85 dB 50 dB 80 S 20 S 16 nF 48 pF
0.999:1 operation or storage winding to winding winding to frame 0E C 250 V RMS 500 V RMS
1.000:1
1.001:1 70E C
All minimum and maximum specifications are guaranteed. Unless noted otherwise, all specifications apply at 25EC. Specifications subject to change without notice. All information herein is believed to be accurate and reliable, however no responsibility is assumed for its use nor for any infringements of patents which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Jensen Transformers, Inc. IMPORTANT NOTE: This device is NOT intended for use in life support systems or any application where its failure could cause injury or death. The breakdown voltage specification is intended to insure integrity of internal insulation systems; continuous operation at these voltages is NOT recommended. Consult our applications engineering department if you have special requirements.
9/01
JENSEN TRANSFORMERS, INC., 7135 Hayvenhurst Avenue, Van Nuys, CA 91406-3807, USA (818) 374-5857 * FAX (818) 374-5856 * www.jensen-transformers.com


▲Up To Search▲   

 
Price & Availability of JT-123-SLCF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X